Part Number Hot Search : 
DS1602 GC160A48 GS816 D2415 SMBJ24 T54FCT T3163 VPX3220A
Product Description
Full Text Search
 

To Download FDC6318P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  FDC6318P applications ? power management ? load switch features ? ?2.5 a, ?12 v. r ds(on) = 90 m ? @ v gs = ?4.5 v r ds(on) = 125 m ? @ v gs = ?2.5 v r ds(on) = 200 m ? @ v gs = ?1.8 v ? high performance trench technology for extremely low r ds(on) ? supersot tm -6 package: small footprint (72% smaller than standard so-8); low profile (1mm thick) d1 s2 g1 d2 s1 g2 supersot -6 tm 3 2 1 4 5 6 absolute maximum ratings t a =25 o c unless otherwise noted symbol parameter ratings units v dss drain-source voltage ?12 v v gss gate-source voltage 8 v i d drain current ? continuous (note 1a) ?2.5 a ? pulsed ?7 power dissipation for single operation (note 1a) 0.96 (note 1b) 0.9 p d (note 1c) 0.7 w t j , t stg operating and storage junction temperature range ?55 to +150 c thermal characteristics r ja thermal resistance, junction-to-ambient (note 1a) 130 c/w r jc thermal resistance, junction-to-case (note 1) 60 c/w package marking and ordering information device marking device reel size tape width quantity .318 FDC6318P 13?? 12mm 3000 units 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com smd type smd type smd type product specification
electrical characteristics t a = 25c unless otherwise noted symbol parameter test conditions min typ max units off characteristics bv dss drain?source breakdown voltage v gs = 0 v, i d = ?250 a ?12 v ? bv dss ? t j breakdown voltage temperature coefficient i d = ?250 a, referenced to 25 c ?2.9 mv/ c i dss zero gate voltage drain current v ds = ?10 v, v gs = 0 v ?1 a i gssf gate?body leakage, forward v gs = 8 v, v ds = 0 v 100 na i gssr gate?body leakage, reverse v gs = ?8 v, v ds = 0 v ?100 na on characteristics (note 2) v gs(th) gate threshold voltage v ds = v gs , i d = ?250 a ?0.4 ?0.7 ?1.5 v ? v gs(th) ? t j gate threshold voltage temperature coefficient i d = ?250 a, referenced to 25 c 2.3 mv/ c r ds(on) static drain?source on?resistance v gs = ?4.5 v, i d = ?2.5 a v gs = ?2.5 v, i d = ?2 a v gs = ?1.8 v, i d = ?1.6 a v gs = ?4.5 v, i d = ?2.5a, t j =125 c 69 93 135 85 90 125 200 120 m ? i d(on) on?state drain current v gs = ?4.5 v, v ds = ?5 v ?6 a g fs forward transconductance v ds = ?5 v, i d = ?2.5 a 8 s dynamic characteristics c iss input capacitance 455 pf c oss output capacitance 194 pf c rss reverse transfer capacitance v ds = ?6 v, v gs = 0 v, f = 1.0 mhz 134 pf switching characteristics (note 2) t d(on) turn?on delay time 9 18 ns t r turn?on rise time 14 25 ns t d(off) turn?off delay time 21 34 ns t f turn?off fall time v dd = ?6 v, i d = ?1 a, v gs = ?4.5 v, r gen = 6 ? 17 31 ns q g total gate charge 5.4 8 nc q gs gate?source charge 1.1 nc q gd gate?drain charge v ds = ?6 v, i d = ?2.5 a, v gs = ?4.5 v 1.3 nc drain?source diode characteristics and maximum ratings i s maximum continuous drain?source diode forward current ?0.8 a v sd drain?source diode forward voltage v gs = 0 v, i s = ?0.8 a (note 2) ?0.7 ?1.2 v notes: 1. r ja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the so lder mounting surface of the drain pins. r jc is guaranteed by design while r ca is determined by the user's board design. a) 130 c/w when mounted on a 0.125 in 2 pad of 2 oz. copper. b) 140c/w when mounted on a .004 in 2 pad of 2 oz copper c) 180c/w when mounted on a minimum pad. scale 1 : 1 on letter size paper 2. pulse test: pulse width < 300 s, duty cycle < 2.0% 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com FDC6318P smd type smd type smd type product specification


▲Up To Search▲   

 
Price & Availability of FDC6318P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X